Part Number Hot Search : 
74LV32 74FR240 90160 CSB20C04 MC44353 LW501 78DL09P IRCZ44
Product Description
Full Text Search
 

To Download F11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Encapsulated Thermostats for Electronics F11-E06
ADVANTAGES
The miniature size, high switching capability and versatility of its contacts make the JEDEC TO-220 compatible device ideal for printed circuit board mounting. The F11-E06 is epoxy sealed to withstand wave soldering and board washing operations.
APPLICATIONS
The F11-E06 is ideal to sense the temperature of a surface or of stagnant air in an enclosure and can be supplied for mounting on a printed circuit board or with flexible wire leads for remote installation. Its high temperature resistance and high dielectric strength make it the favored device for protecting heatsinks. Heat sensitive semiconductors and other valuable equipment can be saved from thermal damage by shutting down the power or simply turning on a fan.
DESCRIPTION
The CANTHERM F11-E06 has been designed to protect today's technology and meet the requirements of tomorrow's innovations. The F11 snap action bimetallic element will respond rapidly and accurately to changes in the temperature of the surface to which it is mounted or the air temperature in an enclosure. The single pole, single throw contacts can be configured as either normally open or normally closed, operating on rise in temperature. The average automatic reset will occur at a temperature approximately 20 - 25C below the calibrated set point. The housing has been designed for demanding conditions such as high continuous temperatures and high voltage electrical isolation. The "New" PC version is now available with TO-220 style stamped lead-frame leads and are shipped in a 50 piece plastic magazine for ease of insertion and handling.
OPERATING TEMPERATURES
The F11-E06 is available from 65C to 160C with either normally closed or normally open contacts. Increments are 5C and standard tolerance is 5C.
CONNECTIONS
The F11-E06 is available for PC board mount or a variety of flexible wire leads. Standard leads are 6", 24 AWG UL3266 Black up to 125C and UL1180 Teflon up to the maximum temperature. ADD "-PC" to the part number for solid pins or specify flexible lead type. Other wire types, gauges and lead lengths available upon request.
Division of Microtherm International Corporation
8415 Mountain Sights Avenue * Montreal (Quebec), H4P 2B8, Canada Tel: (514) 739-3274 * 1-800-561-7207 * Fax: (514) 739-2902 2006/May E-mail: sales@cantherm.com * Website: www.cantherm.com CT-M-ENG-03B-1
Type
Voltage Rating 50-60 Hz Current rating max. load RES. short circuit current upto Contact Arrangment Normally closed N/C Normally open N/O Contact resistance Response temperature range Tolerance (minimum range) Max. permanent temperature - Housing Switch mechanism RESISTIVE INDUCTIVE
N/C
120 V / 250 V 3.0 A / 2.0 A 1.8A / 1.2 A 4.0 A 6.3 A
N/O
120 V / 250 V 1A/1A* 1A/1A 4.0 A 6.3 A
F11-E06-PC
< 40 m 70C to 160C +/- 15C, +/-10C, +/-5C 220C ** 175C
< 40 m +65C to +150C +/- 15C, +/-10C, +/-5C 220C ** 175C
CURRENT SENSIVITY
The thermostats are not current sensitive at rated currents. At loads above the rated values, up to maximum loading there is self-heating of the current carrying contacts. * When N/0 contacts are closed, self heating will occur at currents exceeding normal rating. It is possible that, given certain combinations of set temperature current & ambient temperature, the contacts will not reset. ** Wire insulation must be appropriate
F11-E06
INSULATION RESISTANCE
Leads to Earth On request
(Requires special testing)
2500 V @ 25C 1500 V @ 100C up to 4000 V eff. AC @ 200C 500 V eff. AC
Across open contacts, dependent on response temperature
RESPONSE TEMPERATURES, TOLERANCE
Temperature stepped in 5C increments. Special switch-off and reset temperatures available on request. Rate of temperature rise from 0.1 C/min. to max. 1.0 C/min. Insulation of the housing will slow down the cutout's response.
ORDERING INFORMATION
Quantity 100 Type F11 Response Temp. 125 Version N/O or N/C 1 or 2 Tolerance +/- 5C 5
We reserve the right to change specifications without prior notice. ADD - PC to part number for PC lead frame leads. Typical PC P/N = F11125253600060 With Leads P/N = F1112525ACFA06E
QUALITY ASSURANCE
Housing material - PPS (UL 94 V-0) Contacts - Silver plated MTBF - 10,000 cycles at rated current and voltage Minimum switching current 50ma Random sample quality testing Function test to AQL 1.0 Nominal response temperature AQL 1.0 Measurement tolerance 2C AQL 4.0 Other values AQL 4.0 Thermal conductivity - 4.0 BTU In/hr/Ft2/F
UL E46827 VDE 4523-4510-1015 It is the responsibility of the customer to insure that the devices descibed above are used in a safe manner and within published parameters.
CT-M-ENG-03B-1


▲Up To Search▲   

 
Price & Availability of F11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X